Part Number Hot Search : 
30FQ045 FM220 KIC7SZ04 CA556 CA556 FIP11F10 GRM21 M3501
Product Description
Full Text Search
 

To Download 12144-2RX778 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a-78 apem www.apem.com 12000x778 series high performance toggle switches - threaded bushing ? 11,9 (15/32) distinctive features a ? approval cecc 96201-005 cecc 96201-008 this range of professional toggle switches is suitable for use in military and other high specification environments. ? contacts highly reliable contacts suitable for low level applications (10ma 50mv - 10a 5vdc min.) or power applications (2a 250vac - 4a 125vac - 4a 30vdc max.) ? pinned lever the base of the switch lever is pinned to the bushing, thus earthing the lever to the bushing. this also provides strain relief to protect the switch if accidentally knocked. ? double shell case for high mechanical strength and high electrical insulation. ? compact size the small rear end of the switch allows space saving behind the panel. ? finish matt black finish on body, bushing, lever and hardware. ? sealing panel sealed to ip 67, these switches are frontal sealed by two o-rings and have full rear end sealing. ? accessories a comprehensive range of protection boots (both full and half length), locking levers and security caps are available. ug1006-a
apem www.apem.com a-79 12000x778 series high performance toggle switches - threaded bushing ? 11,9 (15/32) specifications a materials ? case : diallylphthalate (dap) with plastic external shell (epoxy sealed) ? actuator : brass, black chrome plated ? bushing : brass, black chrome plated ? contacts : solid rivet - gold plated silver/nickel alloy electrical specifications ? max. current/voltage rating with resistive load : 2a 250vac - 4a 125vac - 4a 28vdc ? minimum load : 10ma 50mv, 10a 5vdc when used above 300ma 28vdc, the gold plating is removed on contact areas and is considered only as a protection against oxidation during storage. ? initial contact resistance : 10 m max. ? insulation resistance : 1.000 m min. at 500vdc ? dielectric strength : 1.000 vrms 50 hz min. between terminals 2.000 vrms 50 hz min. between poles 2.000 vrms 50 hz min. between terminals and frame ? contact bounce : 2 ms max. ? electrical life : - at 2a 250vac - 4a 28vdc : 20.000 cycles (10.000 for functions 5, 4-1r, 4-2r) - at low level (50mv 10ma) : 150.000 cycles (switches with 2 maintained positions) 100.000 cycles (switches with 3 maintained positions) 50.000 cycles (momentary functions 7, 8, 4-1r, 4-2r, 5) general specifications ? torque : 1,50 nm (1.10 ft.lb) max. applied to nut ? panel thickness : 8 mm (.314) max. - 3 mm (.118) min. ? shock test : 50g - 11ms (iec 68-2-27) ? vibrations : 10-500 hz - 10g (iec68-2-6) ? operating temperature : -40c to +85c ? humidity test : 56 days, 93 % r.h., 40c (iec 68-2-3) ? salt spray test : 96 hours (iec 68-2-11) approvals many models within this range have full cecc approval and are marked cecc. please consult factory for list of approved models. sealing ? front panel sealing by two o-rings flatted bush for precise orientation ? panel seal withstands 1 bar pressure and remains sealed even when the switch is operated. ? epoxy sealed terminals ? splash-proof case ? flat ? o-rings amps 4 a 2 a 10 a 5 vdc 28 vdc 125 vac 250 vac volts 50 mv 10ma 48 vdc 1 a 1
a-80 apem www.apem.com 12000x778 series high performance toggle switches - threaded bushing ? 11,9 (15/32) overview a 12 series terminals and bushings 1 solder lug terminals, threaded bushing ? 11,9 (15/32) 2 straight pc terminals, threaded bushing ? 11,9 (15/32) number of poles 4 double pole 5 three pole 6 four pole electrical functions 6 on - on 9 on off on 7 mom off mom 8 on off mom 4 on on on on on mom mom on mom 5 on mom function 4 . for 2 and 4 poles only. . must not have blank in "momentary" box. momentary 1r on on mom 2r mom on mom . for function 4 only. . leave blank for other functions. aboutthisseries on the following pages, you will find successively : - model structure of switches - options in the same order as in above chart dimensions : first dimensions are in mm while inches are shown as bracketted numbers. fluorescent tip blank none 038 white fluorescent tip to lever x778 high performance fully sealed matt black switches. levers blank standard lever -12 short lever locking levers -1v 1 locked position - 2v 2 locked positions - 3v 3 locked positions approval cecc availability : consult factory for details of approved models. sealing boots can be used to further protect the switches against dust and water. they are presented in section h. mounting accessories : standard hardware supplied with all models : 1 hex nut 14 mm (.551) across flats, part number u41. this nut is presented after model structure of switches. security caps are available to prevent inadvertent lever operation. they are presented in section i. packaging unit : 2 pole models : 25 pieces 3 and 4 pole models : 20 pieces .
apem www.apem.com a-81 12000x778 series high performance toggle switches - threaded bushing ? 11,9 (15/32) fully sealed - matt black a solder lug terminals - four pole solder lug terminals - three pole solder lug terminals - double pole model structure function 6 other functions i ii iii 12146 x778 on - on 12149 x778 on off on 12147 x778 mom off mom 12148 x778 on off mom 12144 x778 on on on 12144-1r x778 mom on on 12144-2r x778 mom on mom 12145 x778 on mom i ii iii 12156 x778 on - on 12159 x778 on off on 12157 x778 mom off mom 12158 x778 on off mom i ii iii 12166 x778 on - on 12169 x778 on off on 12167 x778 mom off mom 12168 x778 on off mom 12164 x778 on on on 12164-1r x778 on on mom 12164-2r x778 mom on mom shown with standard lever ? flat ? flat ? flat ? flat 43 2 312 -1 (.098) (.047) (.066) 1.70 1.20 2.50 (.161) 4.10 (.039) 1.00 (.338) 8.60 (.681) (.409) (.594) (.161) (.019) (.629) (.629) (.236) (.098) a (15/32-32uns) epoxy (.157) i ii iii 15.10 4.10 17.30 10.40 16.00 ?11.90-32uns 4.00 0.50 16.00 2.50 6.00 ?6.00 (.236 dia) (.059) 1.50 0.50 10.40 17.30 4.10 15.10 iii ii i a (.019) (.161) (.594) (.409) (.681) 6.00 2.50 (.098) (.236) 16.00 (.629) (.157) 4.00 epoxy ?6.00 (.236 dia) ?11.90-32uns (15/32-32uns) (.866) 22.00 1.50 (.059) 0.50 10.40 17. 3 0 4.10 15.10 iii ii i a (.019) (.161) (.594) (.409) (.6 8 1) 4.00 (.157) (.236) (.098) 2.50 6.00 (.236 dia) ?6.00 (15/ 3 2- 3 2un s ) ?11.90- 3 2un s (.629) 16.00 (1.106) 2 8 .10 (.059) 1.50 epoxy function 6 typical angle of throw (a) 24 functions 9, 7, 8, 4 20 function 5 12
a-82 apem www.apem.com 12000x778 series high performance toggle switches - threaded bushing ? 11,9 (15/32) fully sealed - matt black a straight pc terminals - four pole straight pc terminals - three pole straight pc terminals - double pole i ii iii 12246 x778 on - on i ii iii 12256 x778 on - on i ii iii 12266 x778 on - on panel cut - out standard hardware hex nut u41 (matt black) positions and connections, see next page. ? flat ? flat ? flat (.681) (.409) (.594) (.629) (.629) 24? (15/32-32uns) epoxy (.157) i ii iii 15.10 17.30 10.40 16.00 ?11.90-32uns 4.00 16.00 ?6.00 (.236 dia) (.338) (.039) (.236) (.236) (.157) (.062 dia) 1.00 6.00 6.00 ?1.60 4.00 8.60 (.059) 1.50 (.059) 1.50 22.00 (.866) (15/32-32uns) ?11.90-32uns (.236 dia) ?6.00 epoxy 4.00 (.157) (.629) 16.00 (.681) (.409) (.594) 24? i ii iii 15.10 17.30 10.40 4.00 6.00 (.157) (.236) 6.00 1.00 (.236) (.039) 8.60 (.338) ?1.60 (.062 dia) (.059) 1.50 22.00 (.866) (15/32-32uns) ?11.90-32uns (.236 dia) ?6.00 epoxy 4.00 (.157) (.629) 16.00 (.681) (.409) (.594) 24? i ii iii 15.10 17.30 10.40 4.00 6.00 (.157) (.236) 6.00 1.00 (.236) (.039) 8.60 (.338) ?1.60 (.062 dia) 5.10 (.200) ?12.00 (.472 dia) (.551) (.090) ?11.9-32uns (15/32-32uns) 14.00 2.30 (.039) 1.00 3.50 (.137) (.196) 5.00 3,5 mm (.138) short terminals available for function 6, as well as for functions 9, 7, 8, 4 and 5. on request.
apem www.apem.com a-83 12000x778 series high performance toggle switches - threaded bushing ? 11,9 (15/32) positions and connections a function 12146 12147 12148 12149 12148ct 12145 12144 12144-1r 12144-2r 12156 12166 12164 terminal identification wiring for 3-way switches (function 4) lever position and connections i ii iii (flat) on - on (1-3)-4 (1-3)-2 (5-7)-8 (5-7)-6 mom off mom on off mom on off on mom off on 1-2 1-3 4-5 4-6 -onmom 1-2 1-3 4-5 4-6 on on on mom on on mom on mom 1-2 1-3 1-3 4-5 4-5 4-6 on - on (1-3)-4 (1-3)-2 (5-7)-8 (5-7)-6 (9-11)-12 (9-11)-10 on - on 1a - 3a 1a - 2a 1c - 3c 1c - 2c 1e - 3e 1e - 2e 1g - 3g 1g - 2g on on on 1a - 2a 1a - 2a 1a - 3a 1c - 2c 1c - 3c 1c - 3c 1e - 2e 1e - 2e 1e - 3e 1g - 2g 1g - 3g 1g - 3g external jumper (added by customer) 12164 12144 12144-1r 12144-2r ? flat 3 1 25 4 6 3 1 25 4 6 6 7-5 84 3-1 2 6 7-5 84 3-1 2 4 3-1 210 9-11 12 4 3-1 210 9-11 12 a 2 1 33 1 2 ceg a 2 1 33 1 2 1 4 3 2 6 5 4 1 3 2 6 5 4 1 3 2 6 5 1a 2a 1c 1e 1g 3a 2c 3c 2e 3e 2g 3g
-12 (.464) (.196 dia) ?5.00 11.80 (.468) 11.90 a-84 apem www.apem.com 12000x778 series high performance toggle switches - threaded bushing ? 11,9 (15/32) a fluorescent tip x778 x778 blank none 038 white fluorescent tip. becomes luminous when submitted to ultra-violet rays. standard lever locking lever levers / locking levers locking levers standard lever (leave blank) short lever dash compulsory before lever code. sealing boots : see section h. security caps : see section i. -1v 1 locked position (function 6) typical angle of throw : 26 -2v 2 locked positions (function 6) typical angle of throw : 26 -3v 3 locked positions (functions 9 and 4) typical angle of throw : 20 ? flat agency approval c e c c cecc 96201-005 and cecc 96201-008 availability : consult factory for details of approved models. marking : to order switches marked cecc, please complete above box with "cecc". blank : no agency approval required. x778 (.468) (.763) 11.90 19.40 (.275 dia) ?7.00 ?7.00 (.275 dia) 11.90 (.468) 19.40 (.763) (.468) 11.90 (.811) 20.60 (.275) ?7.00 11.90 (.468) (.681) (.236 dia) 17.30 ?6.00 functions 9 & 4 functions 7 & 442r functions 8 & 441r functions 8, 9, 44 & 441r functions 8 & 441r functons 8, 9, 44 & 441r functions 8 & 441r functions 8 & 441r functions 8 & 441r functions 4 & 9 functions 7 & 442r functions 9 & 44 new! note : -5v and -12v are not true locking levers : no pulling is required before actuation. -11v -9v -8v -7v -5v -4v -17v -20v -12v -13v -15v -16v


▲Up To Search▲   

 
Price & Availability of 12144-2RX778

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X